Part Number Hot Search : 
BCR10 78R05F 1000B PCT1600A 13003 EDZ13B C3835G SG330
Product Description
Full Text Search
 

To Download TPMD106K002H0012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPM Multianode
Tantalum Ultra Low ESR Capacitor
Low ESR, high capacitance and high ripple current are the key parameters for processor filtering. Multianode configuration within a standard E case package meets these requirements. Parameters such as ESR 15m, capacitance 1500F and ripple current above 4A rms makes TPM series ready to use with the latest processor families. TPM D case capacitors in addition are using a "mirror" multianode construction that reduces self-inductance ESL from 2.4nH to 1.0nH and thus frequency range is extended to about 500 kHz.
CASE DIMENSIONS: millimeters (inches)
Code D E V EIA Code 7343-31 7343-43 7361-38 L0.20 (0.008) 7.30 (0.287) 7.30 (0.287) 7.30 (0.287) W+0.20 (0.008) H+0.20 (0.008) A+0.30 (0.012) W10.20 (0.008) -0.10 (0.004) -0.10 (0.004) -0.20 (0.008) 4.30 (0.169) 4.30 (0.169) 6.10 (0.240) 2.90 (0.114) 4.10 (0.162) 3.45 0.30 (0.136 0.012) 2.40 (0.094) 2.40 (0.094) 3.10 (0.120) 1.30 (0.051) 1.30 (0.051) 1.40 (0.055) S Min. 4.40 (0.173) 4.40 (0.173) 4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only. For part marking see page 163
HOW TO ORDER
TPM E 108 * 004 R 0018
Type
Case Size See table above
Capacitance Code pF code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow)
Capacitance Tolerance K=10% M=20%
Rated DC Voltage 002=2.5Vdc 004=4Vdc 006=6.3Vdc 010=10Vdc 016=16Vdc 020=20Vdc 025=25Vdc 035=35Vdc 050=50Vdc
Packaging R = 7" T/R Lead Free S = 13" T/R Lead Free H = 7" Reel Tin Lead K = 13" Reel Tin Lead
Maximum ESR in Milliohms See note below
NOTE: The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalog limit post mounting.
TECHNICAL SPECIFICATIONS
Technical Data: Capacitance Range: Capacitance Tolerance: Rated Voltage (VR) Category Voltage (VC) Surge Voltage (VS) Surge Voltage (VS) Temperature Range: Reliability: All technical data relate to an ambient temperature of +25C 10 F to 2200 F 10%, 20% 2.5 4 6.3 10 16 20 25 35 50 1.7 2.7 4 7 10 13 17 23 33 3.3 5.2 8 13 20 26 32 46 65 2.2 3.4 5 8 13 16 20 28 40 -55C to +125C 1% per 1000 hours at 85C, VR with 0.1/V series impedance, 60% confidence level
+85C: +125C: +85C: +125C:
35
TPM Multianode
Tantalum Ultra Low ESR Capacitor
CAPACITANCE AND RATED VOLTAGE RANGE LETTER DENOTES CASE SIZE ESR LIMIT IN BRACKETS
Capacitance F Code
6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 685 106 156 226 336 476 686 107 157 227 337 477 687 108 158 228 D(25,35) D(25,35) D(25) E(18,23) D(25)* D(25) E(18,23), V(18) E(12,15,18) E(15,18) E(18)(M) D(25,35) D(35) D(35) E(23,35) D(45)* E(30,40) E(25,40) E D(50)* E(35,45) E D(60)* D(55)* E(45,55) E D(65)* E(60,100) D(75)* E(50,65) E(55,65) V
2.5V (e)
4V (G)
6.3V (J)
Rated Voltage DC (VR) to 85C 10V (A) 16V (C) 20V (D)
25V (E)
35V (V)
50V (T)
D(200)* D(140)* E(120) E(75,100) E(75,100)
D(30) (M) E(18,23,30) E(23,30) D(30)* E E(18,23), V(23) E
Developmental Ratings - subject to change, AVX reserve rights to change ESR specification prior to release. *Violet - Please Contact Manufacturer Released codes
(M tolerance only)
Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards.
36
TPM Multianode
Tantalum Ultra Low ESR Capacitor
RATINGS & PART NUMBER REFERENCE
AVX Part No. Rated Case Capacitance Voltage Size (F) (V) DCL DF ESR (A) % Max. (m) Max. Max. @100kHz 100kHz Ripple Current Ratings (A) 25C 85C 125C 100kHz Ripple Voltage Ratings (V) 25C 85C 125C
2.5 Volt @ 85C (1.7 Volt @ 125C)
TPMD108*002#0025 TPME158*002#0012 TPME158*002#0015 TPME158*002#0018 TPME228M002#0018 TPMD337*004#0025 TPMD337*004#0035 TPMD477*004#0025 TPMD477*004#0035 TPMD687*004#0025 TPME687*004#0018 TPME687*004#0023 TPME108*004#0018 TPME108*004#0023 TPMV108*004#0018 TPME158*004#0015 TPME158*004#0018 TPM337*006#0025 TPM337*006#0035 TPM477*006#0030 TPME477*006#0018 TPME477*006#0023 TPME477*006#0030 TPME687*006#0018 TPME687*006#0023 TPMV687*006#0023 TPMD227*010#0035 TPMD337*010#0035 TPME337*010#0023 TPME337*010#0035 TPME477M010#0023 TPME477M010#0030 TPME157*016#0030 TPME157*016#0040 TPME227*016#0025 TPME227*016#0040 TPME107*020#0035 TPME107*020#0045 TPME686*025#0045 TPME686*025#0055 TPME226*335#0060 TPME226*035#0100 TPME336*035#0050 TPME336*035#0065 TPME476*035#0055 TPME476*035#0065 TPME106*050#0120 TPME156*050#0075 TPME156*050#0100 TPME226*050#0075 TPME226*050#0100 D E E E E D D D D D E E E E V E E D D D E E E E E V D D E E E E E E E E E E E E E E E E E E E E E E E 1000 1500 1500 1500 2200 330 330 470 470 680 680 680 1000 1000 1000 1500 1500 330 330 470 470 470 470 680 680 680 220 330 330 330 470 470 150 150 220 220 100 100 68 68 22 22 33 33 47 47 10 15 15 22 22 2.5 2.5 2.5 2.5 2.5 4 4 4 4 4 4 4 4 4 4 4 4 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 10 10 10 10 10 10 16 16 16 16 20 20 25 25 35 35 35 35 35 35 50 50 50 50 50 25 38 38 38 44 13.2 13.2 18.8 18.8 27.2 27 27 40 40 40 40 40 19.8 19.8 28.2 28 28 28 41 41 41 22 33 33 33 47 47 24 24 35 35 20 20 17 17 8 8 12 12 16 16 5 7.5 7.5 11 11 8 6 6 6 10 8 8 8 8 8 6 6 6 6 6 6 6 8 8 8 6 6 6 6 6 6 8 8 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8 8 25 12 15 18 18 25 35 25 35 25 18 23 18 23 18 15 18 25 35 30 18 23 30 18 23 23 35 35 23 35 23 30 30 40 25 40 35 45 45 55 60 100 50 65 55 65 120 75 100 75 100 3.194 4.743 4.243 3.873 3.873 3.194 2.699 3.194 2.699 3.194 3.873 3.426 3.873 3.426 3.979 4.243 3.873 3.194 2.699 2.915 3.873 3.426 3.000 3.873 3.426 3.520 2.699 2.699 3.426 2.777 3.426 3.000 3.000 2.598 3.286 2.598 2.777 2.449 2.449 2.216 2.121 1.643 2.324 2.038 2.216 2.038 1.500 1.897 1.643 1.897 1.643 2.874 4.269 3.818 3.486 3.486 2.874 2.429 2.874 2.429 2.874 3.486 3.084 3.486 3.084 3.581 3.818 3.486 2.874 2.429 2.624 3.486 3.084 2.700 3.486 3.084 3.168 2.429 2.429 3.084 2.500 3.084 2.700 2.700 2.338 2.958 2.338 2.500 2.205 2.205 1.994 1.909 1.479 2.091 1.834 1.994 1.834 1.350 1.708 1.479 1.708 1.479 1.277 1.897 1.697 1.549 1.549 1.277 1.080 1.277 1.080 1.277 1.549 1.370 1.549 1.370 1.592 1.697 1.549 1.277 1.080 1.166 1.549 1.370 1.200 1.549 1.370 1.408 1.080 1.080 1.370 1.111 1.370 1.200 1.200 1.039 1.315 1.039 1.111 0.980 0.980 0.886 0.849 0.657 0.930 0.815 0.886 0.815 0.600 0.759 0.657 0.759 0.657 0.080 0.057 0.064 0.070 0.070 0.080 0.094 0.080 0.094 0.080 0.070 0.079 0.070 0.079 0.072 0.064 0.070 0.080 0.094 0.087 0.070 0.079 0.090 0.070 0.079 0.081 0.094 0.094 0.079 0.097 0.079 0.090 0.090 0.104 0.082 0.104 0.097 0.110 0.110 0.122 0.127 0.164 0.116 0.132 0.122 0.132 0.180 0.142 0.164 0.142 0.164 0.072 0.051 0.057 0.063 0.063 0.072 0.085 0.072 0.085 0.072 0.063 0.071 0.063 0.071 0.064 0.057 0.063 0.072 0.085 0.079 0.063 0.071 0.081 0.063 0.071 0.073 0.085 0.085 0.071 0.087 0.071 0.081 0.081 0.094 0.074 0.094 0.087 0.099 0.099 0.110 0.115 0.148 0.105 0.119 0.110 0.119 0.162 0.128 0.148 0.128 0.148 0.032 0.023 0.025 0.028 0.028 0.032 0.038 0.032 0.038 0.032 0.028 0.032 0.028 0.032 0.029 0.025 0.028 0.032 0.038 0.035 0.028 0.032 0.036 0.028 0.032 0.032 0.038 0.038 0.032 0.039 0.032 0.036 0.036 0.042 0.033 0.042 0.039 0.044 0.044 0.049 0.051 0.066 0.046 0.053 0.049 0.053 0.072 0.057 0.066 0.057 0.066
4 Volt @ 85C (2.7 Volt @ 125C)
6.3 Volt @ 85C (4 Volt @ 125C)
10 Volt @ 85C (7 Volt @ 125C)
16 Volt @ 85C (10 Volt @ 125C)
20 Volt @ 85C (13 Volt @ 125C) 25 Volt @ 85C (17 Volt @ 125C) 35 Volt @ 85C (23 Volt @ 125C)
50 Volt @ 85C (33 Volt @ 125C)
All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5V RMS with maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. * Insert K for 10% and M for 20% Capacitance Tolerance # Standard Plating - Insert R for 7" reel and S for 13" reel # Gold Plating - Insert A for 7" reel and B for 13" reel # Tin Lead - Insert H for 7" reel and K for 13" reel NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
TPM MULTIANODE CONSTRUCTION
37


▲Up To Search▲   

 
Price & Availability of TPMD106K002H0012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X